Part Number Hot Search : 
OM9375SP MAX5069C BZX85C 215012 01032 2SB596Y G40N60 KP200A
Product Description
Full Text Search
 

To Download QCPM-9801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QCPM-9801 Rev. B Feb 10th 2000 Preliminary Specification is subject to change with no prior notification
PCS/AMPS Dual-Band Dual-Mode Power Amplifier Module
QCPM-9801
_____________________ Features
* Operating frequency:
PCS: 1850 - 1910 MHz AMPS: 824 - 849 MHz
Package Pin Configuration
(Back side) 6 78 9 10 11 12 13 3 2 1
General Description
The Dual-Band Dual-Mode Power Amplifier Module (PAM) offers a highly integrated solution for CDMA dual-band Dual-mode handsets. The integrated solution leads to improvements in cost, size, performance, and reliability. This PAM also offers several features that will make handset design more flexible and robust. The module contains two power amplifiers (PCS and Cellular PAs), two driver amplifiers with power control and bias circuits. The cellular power amplifiers provides : 29 dBm Pout and 44% Power Added Efficiency (PAE) at 3.4 V in AMPS mode. While the PCS power amplifier achieves 28.5 dBm Pout and 28 % PAE at 3.4V in PCS mode. The PAM is designed with dynamic bias control to optimize the PAE at low output power in PCS mode to maximize the system talk time. The surface mount RF MultiPak insures cost, size, and high volume manufacturing advantages over other traditional approaches.
* Typical Output Power @ 3.4V:
PCS : 28.5 dBm AMPS: 29 dBm
* Internal 50 ohm matching networks for both RF IN/OUT * 3.4 - 4.2 V operation
(reduced performance at 3V)
5 4
1
* Dynamic bias controls optimize PAE at low output power for PCS * 11.5 mm x 11.5 mm SMT RF MultiPak * Dual Band CDMA handsets
Applications
* Wireless Data terminals * WLL * Driver for Base station
Small SMT Multipak
Functional Block Diagram
CDMA_Vc AMPS_Vc
9804 CQ PM
CELLULAR PA
matching network
matching network
matching network
CELLULAR PA OUT
PCS CDMA IN
matching network
matching network
matching network
PCS CDMA OUT
QCPM-9801 Rev. B Feb 10th 2000 Preliminary Specification is subject to change with no prior notification
QCPM-9801 Absolute Maximum Ratings1
Cellular Parameter Vcc supply voltage Power Dissipation2,3 Bias Current Amplifier Input RF Power Junction temperature Storage temperature (case temperature) -40 C Min. Max. 4.5 V 2.5 W 1.5 A 10 dBm +150 C +120 C -40 C Min. PCS Max. 4.5 V 2.5 W 1.5 A 10 dBm +150 C +120 C
Thermal Resistance2 jc = X /W
Notes: 1. Operation of this device in excess of any of these limits may cause permanent damage. 2. Tcase = 25 C 3. Derate at X mW/C for Tcase.>85 C
Recommended operating range of Vcc = 3.4 to 4.2 V, Ta = - 30 to + 85 C (reduced performance at 3.0 V and 110 C)
QCPM-9801 Standard Test Conditions
All test are done in 50 system at 25 C , unless noted otherwise. VCC = 3.4V
ACPR = Power in a Channel Power in band @ 1.25 MHz 30 KHz the band 12288 MHz . away from the center of the channel
QCPM-9801 Summary Characterization Information
Parameter
PCS Mode Frequency Range Gain (Pout = 28.5 dBm) Gain (Pout = 16 dBm) Output Power Power Added Efficiency Pout = 28.5 dBm Pout = 16 dBm Input VSWR (Pout = 28.5 dBm) Input VSWR (Pout = 16 dBm) Power Down Current ACPR @ 1.25 MHz offset
Units
MHz dB dB dBm % %
Min
1850 22 19 28 TBA TBA
Typ
24 21 28.5 28 6 2.0:1 2.5:1
Max
1910
Comments
Vc = 2.5V Vc = 1.8V
Vc = 2.5V Vc = 1.8V
A dBc/30kHz -45
40 -46
2
QCPM-9801 Rev. B Feb 10th 2000 Preliminary Specification is subject to change with no prior notification
ACPR @ 2.25 MHz offset Noise Power @ 80 MHz offset in 1930-1990 MHz ) Stability (Spurious): Load VSWR 5:1 Harmonics: 2Fo, 3Fo AMPS mode Frequency Range Output Power Power Added Efficiency (Pout = 29 dBm) Noise Power @ 45 MHz offset in RX band (869894MHz) Harmonics: 2Fo, 3Fo Input VSWR Switching Time DC ON/OFF RF ON/OFF
dBc/30kHz dBm/Hz dBc dBc
-58 -139 55 -30 All phases
MHz dBm % dBm/Hz
824 29 TBA 44 -136
849 Vc = 1.6V
dBc
-30 2:1
s s
40 6
3
QCPM-9801 Rev. B Feb 10th 2000 Preliminary Specification is subject to change with no prior notification
QCPM-9801 Pin Description Table
No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Mnemonic CDMA_IN CDMA OUT CDMA Vcc AMPS Vcc AMPS OUT AMPS IN AMPS_Vc Vcc_IC CDMA_Vc GND Description Input RF for PCS CDMA Not connect RF PCS CDMA output Supply voltage for CDMA Supply voltage for AMPS and cellular CDMA RF AMPS and cellular CDMA output Not connect Not connect RF AMPS and cellular CDMA input Bias control for AMPS and cellular CDMA PA Supply voltage for control and driver Not connect Bias control for PCS CDMA PA Ground plane (back of the module) Typical Signal RF input RF Output DC DC RF Output RF DC Notes
7 6
AMPS OUT NC
8
NC AMPS IN
9
AMPS Vc
10 11
5 4
Vcc AMPS Vcc CDMA
Vcc IC
NC
12
CDMA Vc
13 1
3
CDMA OUT
NC
CDMA IN_A
2
Figure 1 Internal block diagram with pinout (back side)
4
QCPM-9801 Rev. B Feb 10th 2000 Preliminary Specification is subject to change with no prior notification
Part Number Ordering Information
Part Number QCPM-9801 No. of Devices Container
Package Dimensions Small MultiPak-16 Package (in inches)
QCPM-9801
Land Pattern Recommendation:
5
QCPM-9801 Rev. B Feb 10th 2000 Preliminary Specification is subject to change with no prior notification
Notes: 1. All pads are 50 mil pitch with 20 mil spacing 2. Module to be centered on the land pattern 3. Pins 1, 3, 6, and 9 are 50 4. Pins 1 and 9 are DC shorts for more information: United States: call your local HP sales office listed in your telephone directory. Ask for a components representative. Canada: (416) 206-4725 Europe: (44) 276-685783 Asia Pacific / Australia: (65) 290-6360 Japan: (81) 3 3331-6111 Data subject to change Copyright December 1998 Hewlett packard Co. Printed in U.S.A.
6


▲Up To Search▲   

 
Price & Availability of QCPM-9801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X